PART |
Description |
Maker |
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
SBP10V45CT |
10A LOW VF SCHOTTKY RECTIFIER
|
DIYI Electronic Technol...
|
MBRD1040 MBRD1040-T |
10A LOW VF SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
PDS1040CTL-13 PDS1040CTL |
10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
SD1060YS-T3 SD1040YS-T3 SD1080YS-T3 SD10100YS-T3 S |
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 10A条的DPAK表面贴装肖特基整 Isolation Transformer (SD1020YS - SD10100YS) 10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SB10150F SB10150FCT |
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
|
WTE[Won-Top Electronics]
|
GMR10H150CTPF3 GMR10H150C GMR10H150CTA3R GMR10H150 |
10A SCHOTTKY RECTIFIER
|
Gamma Microelectronics Inc.
|
OM4212SM |
10A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-3 package ISOLATED SURFACE MOUNT POWER SCHOTTKY CENTER-TAP RECTIFIER
|
IRF[International Rectifier]
|
MBRL1040FCT |
10A SCHOTTKY BARRIER RECTIFIER
|
Yea Shin Technology Co....
|
C1045CS |
10A Trench Schottky Rectifier
|
Chip Integration Techno...
|
SBL1060CTP |
10A SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated
|